PART |
Description |
Maker |
MRM7-H |
Standard : UL - IEC 300V - 250V 10A - 15A
|
Eldeco Srl
|
CRV-5.08-RF |
Standard : UL - IEC 300V - 320V 15A - 10A
|
Eldeco Srl
|
CRV-5.08-L |
Standard : UL - IEC 300V - 320V 15A - 10A
|
Eldeco Srl
|
G5CA-1A-E-DC12 G5CA-1A4 |
Flat Relays that Switch 10A/15A Loads Power
|
Omron Electronics LLC
|
43R03-3122-200 43R03-3111-150 43R03-3211-150 43R03 |
10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
|
PowerDynamics, Inc
|
2SD2537 2SD2171S 2SD2226K 2SD2227S 2SD2351 |
MEDIUM POWER TRANSISTOR(25V, 1.2V), GENERAL PURPOSE TRANSISTOR(50V, 0.15A) 中功率晶体管25V的,1.2伏),通用晶体管(50V.15A
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
SP4-NIL-DC12 SP4-L2-DC12 SP4-NIL-DC3 SP4-NIL-DC5 S |
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY 15A条(2C型)0A条(C)小型继电器,灵敏度 15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY 15A条(2C型)0A条(4C)小型继电器,灵敏度
|
All Sensors Corp. ZETTLER electronics GmbH Panasonic, Corp. ProTek Devices
|
2SD2351 2SD2226K 2SD2707 2SD2654 2SD2227S |
General Purpose Transistor (50V 0.15A) General Purpose Transistor (50V, 0.15A) (2SD2xxx) General Purpose Transistor (50V/ 0.15A)
|
ROHM[Rohm]
|
DF15VD60 |
General Purpose Rectifiers(600V 15A)
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
2SA1037AK09 2SA1576A 2SA2029 2SA1774 2SA933AS |
General Purpose Transistor (50V, 0.15A)
|
Rohm
|